PART |
Description |
Maker |
5962-8980501IX 5962-89805012X |
RMS-to-DC Converter 4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter 有效 DC转换
|
Littelfuse, Inc.
|
R1210N361D-TR R1210N361C-TL R1210N361D-TL R1210N36 |
PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM Step-up DC/DC Converter CAP 22PF 200V 5% NP0(C0G) DIP-2 TUBE-PAK S-MIL-PRF-39014/22 CAP 0.47UF 50V 10% X7R DIP-2 TUBE-PAK R-MIL-PRF-39014/22 SWITCHING REGULATOR, 216 kHz SWITCHING FREQ-MAX, PDSO5 SMPS Controller 开关电源控制器
|
Ricoh Co., Ltd. EPCOS AG Maxim Integrated Products, Inc. RICOH electronics devic...
|
UPB1005GS UPB1005GS-E1 UPB1003GS UPB1004GS UPC2753 |
REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
|
NEC[NEC]
|
RT9264 RT9264CS |
HIGH FREQUENCY HIGH EFFICIENCY STEP UP DC/DC CONVERTER
|
List of Unclassifed Manufacturers
|
5501 5502 |
Frequency-to-Voltage Converter Voltage-to-Frequency Converter 500 kHz Bandwitch Analog Data Link Modulator / Demodulator
|
Dynamic Measurements Corp.
|
MAX1708 MAX1708EEE |
High-Frequency High-Power Low-Noise Step-Up DC-DC Converter "High-Frequency, High-Power, Low-Noise, Step- Up DC-DC Converter" High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
|
MAXIM[Maxim Integrated Products]
|
AAT2512 |
Dual 400mA High Frequency Buck Converter
|
AAT
|
KSC921 |
NPN (FM CONVERTER/ OSCILLATOR HIGH FREQUENCY AMPLIFIER) NPN (FM CONVERTER, OSCILLATOR HIGH FREQUENCY AMPLIFIER)
|
SAMSUNG[Samsung semiconductor]
|
CAT661 |
100mA High Frequency DC-DC Voltage Converter (25kHz, 135kHz)
|
Catalyst Semiconductor
|
AAT2512 |
Dual 400mA High Frequency Buck Converter From old datasheet system
|
Analogic Corporation
|
AAT2515 AAT2515IWP-AA-T1 |
Dual 600mA Fast Transient High Frequency Buck Converter
|
Advanced Analogic Technologies
|
AN729 |
Designing A High-Frequency, Higher-Power Buck/Boost Converter for Multi-Cell Input Configurations Using Si9168
|
Vishay
|